Part Number Hot Search : 
0365R 1220A NX3232C MMSZ5 B25856 FDG6302 TA78L20F SR120
Product Description
Full Text Search
 

To Download B72660M1140K072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Varistors Monolithic; Automotive Series
Construction
I Cylindrical varistor element, encapsulated I Encapsulation: thermoplast, flame-retardant to UL 94 V-0 I Termination: tinned copper alloy
Features
I I I I I I I
High energy absorption, particularly in case of load dump Jump-start strength Stable protection level, minimum leakage current High resistance to cyclic temperature stress Good solderability Low inductance PSpice models
Taping
I Supply on 8/12-mm tape, for tape dimensions see pages 154/155,
for reel dimensions and packing units see page 157, chapter "SMD Varistors: Taping" Type designation Detailed description of coding system on page 39, chapter "General Technical Information" SIOV-CU 4032 K 14 AUTO G2 EPCOS metal oxide varistor Design Size (nominal) Tolerance of varistor voltage General technical data Climatic category LCT UCT Damp heat, steady state (93 % r.h., 40 C) Operating temperature Storage temperature Electric strength Insulation resistance Response time Solderability 40/85/56 - 40 C + 85 C 56 days - 40 ... + 85 C - 40 ... + 125 C in accordance with IEC 60068-1 Max. AC operating voltage Taping mode Automotive varistor
in accordance with IEC 60068-2-3 in accordance with CECC 42 000 in accordance with CECC 42 000 in accordance with CECC 42 000 in accordance with IEC 60068-2-58 in accordance with IEC 60068-2-20
2,5 kVRMS 1,0 GW
< 10 ns 235 C, 2 s
Resistance to soldering heat 260 C, 10 s
Note:
Contact EPCOS for consultancy if solvents on water-base are used for cleaning. 149 04/02
SMD Varistors Monolithic; Automotive Series
Maximum ratings (TA = 85 C) Type Ordering code V RMS VDC V 14 14 17 17 30 30 V 16 16 20 20 34 34 imax 8/20 ms A 100 250 100 250 100 250 Wmax (2 ms) J 0,4 0,9 0,5 1,1 0,9 2,0 Pmax W 0,01 0,02 0,01 0,02 0,01 0,02 WLD (10x) J 6 12 6 12 6 12
SIOV12-V supply systems CU3225K14AUTOG2 B72650M1140K072 CU4032K14AUTOG2 B72660M1140K072 CU3225K17AUTOG2 CU4032K17AUTOG2 24-V supply systems CU3225K30AUTOG2 CU4032K30AUTOG2 B72650M1170K072 B72660M1170K072 B72650M1300K072 B72660M1300K072
Characteristics (TA = 25 C) Type VJump V v (5 min) (1 mA) V 22 22 27 27 47 47
DV v (1 mA)
%
SIOVV 12-V supply systems CU3225K14AUTOG2 25 CU4032K14AUTOG2 25 CU3225K17AUTOG2 CU4032K17AUTOG2 24-V supply systems CU3225K30AUTOG2 CU4032K30AUTOG2 Notes 30 30 50 50
Max. clamping voltage v i V A 43 43 53 53 93 93 1,0 2,5 1,0 2,5 1,0 2,5
Derating V/I charCtyp (1 kHz) curve acteristic nF 1,4 2,3 1,2 1,9 0,6 1,1 Page 246 246 246 246 246 246 Page 274 275 274 275 274 275
10 10 10 10 10 10
I If the maximum loads specified for load dump and jump start are fully utilized, subsequent
polarity reversal of the AUTO varistors is inadmissible.
I If the load remains under the maximum ratings, polarity reversal may be admissible.
Contact EPCOS for consultancy on this kind of problem.
I Load dump or jump start can decrease the varistor voltage in load direction by max. 15 %. I Load dump: min. time of energy input 40 ms, interval 60 s.
150 04/02
SMD Varistors Monolithic; Automotive Series
0,3 max.
b
h
30,3 1,50,3
VAR0392-L
Weight: CU3225: approx. 0,5 g CU4032: approx. 0,8 g Dimensions Type SIOV-CU3225K14...30 SIOV-CU4032K14...30 I mm 8,0 0,3 10,2 0,3 b mm 6,3 0,3 8,0 0,3 h mm 3,2 0,3 3,2 0,3
Termination: tinned copper alloy
B C B
A
D
VAR0391-D
Recommended solder pad layout Type SIOV-CU3225K14...30 SIOV-CU4032K14...30 A mm 3,5 3,5 B mm 2,8 2,8 C mm 4,5 6,5 D mm 10,1 12,1
151 04/02
A
h
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B72660M1140K072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X